PART |
Description |
Maker |
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
TS52011 |
200mA Low Noise LDO Voltage Regulator with Enable
|
Taiwan Semiconductor Company, Ltd
|
TS5201CSRF TS520108 |
200mA Low Noise LDO Voltage Regulator with Enable
|
Taiwan Semiconductor Company, Ltd
|
TS52011 |
200mA Low Noise LDO Voltage Regulator with Enable
|
Taiwan Semiconductor Co., Ltd.
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9000IRNFZ ISL9000 ISL9000IRBJZ ISL9000IRBJZ-T I |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 RES THICK FILM POWER 24 OHM 5W
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9011AIRNCZ ISL9011AIRNFZ ISL9011AIRNNZ ISL9011A |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9012IRNJZ-T ISL9012IRPLZ-T ISL9012 ISL9012IRBJZ |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AS1374-BWLT1833 AS1374-BWLT1533 AS1374-BWLT1818 AS |
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
|
austriamicrosystems AG ams AG
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
MP2004 |
Dual Low Noise High PSRR 200mA Linear Regulator
|
MPS
|